Part Number Hot Search : 
UF306 UL1480 2SD1889 CXD1944R D1100B32 FDLL4148 2N494C HT66F
Product Description
Full Text Search
 

To Download 74F25300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74F253 Dual 4-Input Multiplexer with 3-STATE Outputs
April 1988 Revised September 2000
74F253 Dual 4-Input Multiplexer with 3-STATE Outputs
General Description
The 74F253 is a dual 4-input multiplexer with 3-STATE outputs. It can select two bits of data from four sources using common select inputs. The output may be individually switched to a high impedance state with a HIGH on the respective Output Enable (OE) inputs, allowing the outputs to interface directly with bus oriented systems.
Features
s Multifunction capability s Non-inverting 3-STATE outputs
Ordering Code:
Order Number 74F253SC 74F253SJ 74F253PC Package Number M16A M16D N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbols
Connection Diagram
IEEE/IEC
(c) 2000 Fairchild Semiconductor Corporation
DS009505
www.fairchildsemi.com
74F253
Unit Loading/Fan Out
Pin Names I0a-I3a I0b-I3b S0-S1 OEa OEb Z a, Z b Description Side A Data Inputs Side B Data Inputs Common Select Inputs Side A Output Enable Input (Active LOW) Side B Output Enable Input (Active LOW) 3-STATE Outputs U.L. HIGH/LOW 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 150/40(33.3) Input IIH/IIL Output IOH/IOL 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-0.6 mA
-3 mA/24 mA (20 mA)
Functional Description
This device contains two identical 4-input multiplexers with 3-STATE outputs. They select two bits from four sources selected by common Select inputs (S0, S1). The 4-input multiplexers have individual Output Enable (OEa, OEb) inputs which, when HIGH, force the outputs to a high impedance (High Z) state. This device is the logic implementation of a 2-pole, 4-position switch, where the position of the switch is determined by the logic levels supplied to the two select inputs. The logic equations for the outputs are shown below: Za = OEa * (I0a * S1 * S0 + I1a * S1 * S0 + I2a * S1 * S0 + I3a * S1 * S0) Zb = OEb * (I0b * S1 * S0 + I1b * S1 * S0 + I2b * S1 * S0 + I3b * S1 * S0) If the outputs of 3-STATE devices are tied together, all but one device must be in the high impedance state to avoid high currents that would exceed the maximum ratings. Designers should ensure that Output Enable signals to 3-STATE devices whose outputs are tied together are designed so that there is no overlap.
Truth Table
Select Inputs S0 X L L H H L L H H S1 X L L L L H H H H I0 X L H X X X X X X Data Inputs I1 X X X L H X X X X I2 X X X X X L H X X I3 X X X X X X X L H Output Enable OE H L L L L L L L L Output Z Z L H L H L H L H
Address inputs S0 and S1 are common to both sections. H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.fairchildsemi.com
2
74F253
Absolute Maximum Ratings(Note 1)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 2) Input Current (Note 2) Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output Current Applied to Output in LOW State (Max) ESD Last Passing Voltage (Min) twice the rated IOL (mA) 4000V
-65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage 0C to +70C
+4.5V to +5.5V
-0.5V to VCC -0.5V to +5.5V
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VIH VIL VCD VOH Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage 10% VCC 10% VCC 5% VCC 5% VCC VOL IIH IBVI ICEX VID IOD IIL IOZH IOZL IOS IZZ ICCH ICCL ICCZ Output LOW Voltage Input HIGH Current Input HIGH Current Breakdown Test Output HIGH Leakage Current Input Leakage Test Output Leakage Circuit Current Input LOW Current Output Leakage Current Output Leakage Current Output Short-Circuit Current Bus Drainage Test Power Supply Current Power Supply Current Power Supply Current 11.5 16 16 -60 -100 4.75 3.75 -0.6 50 -50 -150 -225 500 16 23 23 10% VCC 2.5 2.4 2.7 2.7 0.5 5.0 7.0 50 V A A A V A mA A A mA A mA mA mA Min Max Max Max 0.0 0.0 Max Max Max Max 0.0V Max Max Max V Min Min 2.0 0.8 -1.2 Typ Max Units V V V Min VCC Conditions Recognized as a HIGH Signal Recognized as a LOW Signal IIN = -18 mA IOH = -1 mA IOH = -3 mA IOH = -1 mA IOH = -3 mA IOL = 24 mA VIN = 2.7V VIN = 7.0V VOUT = VCC IID = 1.9 A All Other Pins Grounded VIOD = 150 mV All Other Pins Grounded VIN = 0.5V VOUT = 2.7V VOUT = 0.5V VOUT = 0V VOUT = 0V VOUT = VCC VO = HIGH VO = LOW VO = HIGH Z
3
www.fairchildsemi.com
74F253
AC Electrical Characteristics
TA = +25C Symbol Parameter Min tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ Output Disable Time Propagation Delay Sn to Zn Propagation Delay In to Zn Output Enable Time 4.5 3.0 3.0 2.5 3.0 3.0 2.0 2.0 VCC = 5.0V CL = 50 pF Typ 8.5 6.5 5.5 4.5 6.0 6.0 3.7 4.4 Max 11.5 9.0 7.0 6.0 8.0 8.0 5.0 6.0 TA = -55C to +125C VCC = 5.0V CL = 50 pF Min 3.5 2.5 2.5 2.5 2.5 2.5 2.0 2.0 Max 15.0 11.0 9.0 8.0 10.0 10.0 6.5 8.0 TA = 0C to +70C VCC = 5.0V CL = 50 pF Min 4.5 3.0 3.0 2.5 3.0 3.0 2.0 2.0 Max 13.0 10.0 8.0 7.0 9.0 9.0 6.0 7.0 ns ns ns Units
www.fairchildsemi.com
4
74F253
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A
5
www.fairchildsemi.com
74F253
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
www.fairchildsemi.com
6
74F253 Dual 4-Input Multiplexer with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74F25300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X